Part Number Hot Search : 
MAX5264 IRF3000 F1602C 85C18 MIW4131 PJ7916CI VAL1Z 2SK254
Product Description
Full Text Search
 

To Download 93C46B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
FEATURES
93C46B
BLOCK DIAGRAM
MEMORY ARRAY ADDRESS DECODER
1K 5.0V Microwire(R) Serial EEPROM
* Single supply 5.0V operation * Low power CMOS technology - 1 mA active current (typical) - 1 A standby current (maximum) * 64 x 16 bit organization * Self-timed ERASE and WRITE cycles (including auto-erase) * Automatic ERAL before WRAL * Power on/off data protection circuitry * Industry standard 3-wire serial interface * Device status signal during ERASE/WRITE cycles * Sequential READ function * 1,000,000 E/W cycles guaranteed * Data retention > 200 years * 8-pin PDIP/SOIC and 8-pin TSSOP packages * Available for the following temperature ranges: - Commercial (C): 0C to +70C - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C
ADDRESS COUNTER DATA REGISTER DI MEMORY DECODE LOGIC CLOCK GENERATOR VCC VSS OUTPUT BUFFER
DO
CS CLK
DESCRIPTION
The Microchip Technology Inc. 93C46B is a 1K-bit, low-voltage serial Electrically Erasable PROM. The device memory is configured as 64 x 16 bits. Advanced CMOS technology makes this device ideal for low-power, nonvolatile memory applications. The 93C46B is available in standard 8-pin DIP, surface mount SOIC, and TSSOP packages. The 93C46BX are only offered in a 150 mil SOIC package.
PACKAGE TYPE
DIP CS CLK DI DO 1 8 VCC CS NC CLK 6 5 NC VSS DO DI SOIC SOIC CS CLK DI DO 1 2 3 4 TSSOP 8 7 6 5 VCC NC NC VSS 93C46B
1
8
VCC NC NC VSS
NU VCC CS CLK
1
8
NC VSS DO DI
93C46BX
93C46B
93C46B
2 3 4
7
2 3 4
7 6 5
2 3 4
7 6 5
Microwire is a registered trademark of National Semiconductor Incorporated.
(c) 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 1
93C46B
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
TABLE 1-1
Name CS CLK DI DO VSS NC VCC
PIN FUNCTION TABLE
Function Chip Select Serial Data Clock Serial Data Input Serial Data Output Ground No Connect Power Supply
VCC...................................................................................7.0V All inputs and outputs w.r.t. VSS ...............-0.6V to VCC +1.0V Storage temperature .....................................-65C to +150C Ambient temp. with power applied.................-65C to +125C Soldering temperature of leads (10 seconds) ............. +300C ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-2
DC AND AC ELECTRICAL CHARACTERISTICS
Commercial (C) Industrial (I) Automotive (E) Symbol VIH VIL VOL VOH ILI ILO CIN, COUT ICC read Min. 2.0 -0.3 -- 2.4 -10 -10 -- -- -- -- -- 250 250 50 0 250 100 100 -- -- -- -- -- -- 1M VCC = +4.5V to +5.5V Tamb = 0C to +70C VCC = +4.5V to +5.5V Tamb = -40C to +85C VCC = +4.5V to +5.5V Tamb = -40C to +125C Max. VCC +1 0.8 0.4 -- 10 10 7 1 1.5 1 2 -- -- -- -- -- -- -- 400 100 500 2 6 15 -- Units V V V V A A pF mA mA A MHz ns ns ns ns ns ns ns ns ns ns ms ms ms cycles Relative to CLK Relative to CLK CL = 100 pF CL = 100 pF (Note 2) CL = 100 pF ERASE/WRITE mode ERAL mode WRAL mode 25C, VCC = 5.0V, Block Mode (Note 3) Relative to CLK Relative to CLK CS = VSS VCC = 4.5V IOL = 2.1 mA; VCC = 4.5V IOH = -400 A; VCC = 4.5V VIN = VSS to VCC VOUT = VSS to VCC VIN/VOUT = 0 V (Notes 1 & 2) Tamb = +25C, FCLK = 1 MHz (Note 2) Conditions
All parameters apply over the specified operating ranges unless otherwise noted Parameter High level input voltage Low level input voltage Low level output voltage High level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs)
Operating current Standby current Clock frequency Clock high time Clock low time Chip select setup time Chip select hold time Chip select low time Data input setup time Data input hold time Data output delay time Data output disable time Status valid time Program cycle time Endurance
ICC write ICCS FCLK TCKH TCKL TCSS TCSH TCSL TDIS TDIH TPD TCZ TSV TWC TEC TWL --
Note 1: This parameter is tested at Tamb = 25C and FCLK = 1 MHz. 2: This parameter is periodically sampled and not 100% tested. 3: This application is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which may be obtained on Microchip's BBS or website.
DS21172D-page 2
Preliminary
(c) 1997 Microchip Technology Inc.
93C46B
2.0
2.1
PIN DESCRIPTION
Chip Select (CS)
A high level selects the device; a low level deselects the device and forces it into standby mode. However, a programming cycle which is already in progress will be completed, regardless of the Chip Select (CS) input signal. If CS is brought low during a program cycle, the device will go into standby mode as soon as the programming cycle is completed. CS must be low for 250 ns minimum (TCSL) between consecutive instructions. If CS is low, the internal control logic is held in a RESET status.
After detecting a START condition, the specified number of clock cycles (respectively low to high transitions of CLK) must be provided. These clock cycles are required to clock in all required opcodes, addresses, and data bits before an instruction is executed (Table 2-1). CLK and DI then become don't care inputs waiting for a new START condition to be detected. Note: CS must go low between consecutive instructions.
2.3
Data In (DI)
Data In (DI) is used to clock in a START bit, opcode, address, and data synchronously with the CLK input.
2.2
Serial Clock (CLK)
2.4
Data Out (DO)
The Serial Clock (CLK) is used to synchronize the communication between a master device and the 93C46B. Opcodes, addresses, and data bits are clocked in on the positive edge of CLK. Data bits are also clocked out on the positive edge of CLK. CLK can be stopped anywhere in the transmission sequence (at high or low level) and can be continued anytime with respect to clock high time (TCKH) and clock low time (TCKL). This gives the controlling master freedom in preparing the opcode, address, and data. CLK is a "Don't Care" if CS is low (device deselected). If CS is high, but START condition has not been detected, any number of clock cycles can be received by the device, without changing its status (i.e., waiting for a START condition). CLK cycles are not required during the self-timed WRITE (i.e., auto ERASE/WRITE) cycle.
Data Out (DO) is used in the READ mode to output data synchronously with the CLK input (TPD after the positive edge of CLK). This pin also provides READY/BUSY status information during ERASE and WRITE cycles. READY/BUSY status information is available on the DO pin if CS is brought high after being low for minimum chip select low time (TCSL) and an ERASE or WRITE operation has been initiated. The status signal is not available on DO, if CS is held low during the entire ERASE or WRITE cycle. In this case, DO is in the HIGH-Z mode. If status is checked after the ERASE/WRITE cycle, the data line will be high to indicate the device is ready.
TABLE 2-1
Instruction ERASE ERAL EWDS EWEN READ WRITE WRAL
INSTRUCTION SET FOR 93C46B
SB
1 1 1 1 1 1 1
Opcode
11 00 00 00 10 01 00 A5 1 0 1 A5 A5 0 A4 0 0 1 A4 A4 1
Address
A3 X X X A3 A3 X A2 X X X A2 A2 X A1 X X X A1 A1 X A0 X X X A0 A0 X
Data In
-- -- -- -- -- D15 - D0 D15 - D0
Data Out
(RDY/BSY) (RDY/BSY) HIGH-Z HIGH-Z D15 - D0 (RDY/BSY) (RDY/BSY)
Req. CLK Cycles
9 9 9 9 25 25 25
(c) 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 3
93C46B
3.0 FUNCTIONAL DESCRIPTION
3.2 Data In (DI) and Data Out (DO)
Instructions, addresses and write data are clocked into the DI pin on the rising edge of the clock (CLK). The DO pin is normally held in a HIGH-Z state except when reading data from the device, or when checking the READY/BUSY status during a programming operation. The READY/BUSY status can be verified during an ERASE/WRITE operation by polling the DO pin; DO low indicates that programming is still in progress, while DO high indicates the device is ready. The DO will enter the HIGH-Z state on the falling edge of the CS. It is possible to connect the Data In (DI)and Data Out (DO) pins together. However, with this configuration, if A0 is a logic-high level, it is possible for a "bus conflict" to occur during the "dummy zero" that precedes the READ operation. Under such a condition, the voltage level seen at DO is undefined and will depend upon the relative impedances of DO and the signal source driving A0. The higher the current sourcing capability of A0, the higher the voltage at the DO pin.
3.1
START Condition
3.3
Data Protection
The START bit is detected by the device if CS and DI are both high with respect to the positive edge of CLK for the first time. Before a START condition is detected, CS, CLK, and DI may change in any combination (except to that of a START condition), without resulting in any device operation (ERASE, ERAL, EWDS, EWEN, READ, WRITE, and WRAL). As soon as CS is high, the device is no longer in the standby mode. An instruction following a START condition will only be executed if the required amount of opcodes, addresses, and data bits for any particular instruction is clocked in. After execution of an instruction (i.e., clock in or out of the last required address or data bit) CLK and DI become don't care bits until a new START condition is detected.
During power-up, all programming modes of operation are inhibited until Vcc has reached a level greater than 3.8V. During power-down, the source data protection circuitry acts to inhibit all programming modes when Vcc has fallen below 3.8V at nominal conditions. The ERASE/SRITE Disable (EWDS) and ERASE/ WRITE Enable (EWEN) commands give additional protection against accidental programming during normal operation. After power-up, the device is automatically in the EWDS mode. Therefore, an EWEN instruction must be performed before any ERASE or WRITE instruction can be executed.
FIGURE 3-1:
CS
SYNCHRONOUS DATA TIMING
VIH VIL VIH TCSS TCKH TCKL TCSH
CLK VIL TDIS VIH DI VIL TPD DO (READ) VOH VOL TSV DO VOH (PROGRAM) VOL STATUS VALID TCZ TPD TCZ TDIH
Note:
AC test conditions: VIL = 0.4V, VIH = 2.4V
DS21172D-page 4
Preliminary
(c) 1997 Microchip Technology Inc.
93C46B
3.4 ERASE 3.5 Erase All (ERAL)
The ERASE instruction forces all data bits of the specified address to the logical "1" state. This cycle begins on the rising clock edge of the last address bit. The DO pin indicates the READY/BUSY status of the device if CS is brought high after a minimum of 250 ns low (TCSL). DO at logical "0" indicates that programming is still in progress. DO at logical "1" indicates that the register at the specified address has been erased and the device is ready for another instruction. The Erase All (ERAL) instruction will erase the entire memory array to the logical "1" state. The ERAL cycle is identical to the ERASE cycle, except for the different opcode. The ERAL cycle is completely self-timed and commences at the rising clock edge of the last address bit. Clocking of the CLK pin is not necessary after the device has entered the ERAL cycle. The DO pin indicates the READY/BUSY status of the device, if CS is brought high after a minimum of 250 ns low (TCSL) and before the entire ERAL cycle is complete.
FIGURE 3-2:
CS
ERASE TIMING
TCSL CHECK STATUS
CLK
DI
1
1
1
AN
AN-1
AN-2
***
A0 TSV TCZ READY HIGH-Z TWC
DO
HIGH-Z
BUSY
FIGURE 3-3:
CS
ERAL TIMING
TCSL CHECK STATUS
CLK
DI
1
0
0
1
0
X
***
X TSV TCZ READY HIGH-Z TEC
DO
HIGH-Z
BUSY
(c) 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 5
93C46B
3.6 ERASE/WRITE Disable and Enable (EWDS/EWEN) 3.7 READ
The READ instruction outputs the serial data of the addressed memory location on the DO pin. A dummy zero bit precedes the 16-bit output string. The output data bits will toggle on the rising edge of the CLK and are stable after the specified time delay (TPD). Sequential read is possible when CS is held high. The memory data will automatically cycle to the next register and output sequentially.
The device powers up in the ERASE/WRITE Disable (EWDS) state. All programming modes must be preceded by an Erase/Write Enable (EWEN) instruction. Once the EWEN instruction is executed, programming remains enabled until an EWDS instruction is executed or Vcc is removed from the device. To protect against accidental data disturbance, the EWDS instruction can be used to disable all ERASE/WRITE functions and should follow all programming operations. Execution of a READ instruction is independent of both the EWDS and EWEN instructions.
FIGURE 3-4:
CS
EWDS TIMING
TCSL
CLK
DI
1
0
0
0
0
X
***
X
FIGURE 3-5:
EWEN TIMING
TCSL
CS
CLK
DI
1
0
0
1
1
X
***
X
FIGURE 3-6:
CS
READ TIMING
CLK
DI
1
1
0
An
***
A0
DO
HIGH-Z
0
Dx
***
D0
Dx
***
D0
Dx
***
D0
DS21172D-page 6
Preliminary
(c) 1997 Microchip Technology Inc.
93C46B
3.8 WRITE 3.9 Write All (WRAL)
The WRITE instruction is followed by 16 bits of data, which are written into the specified address. After the last data bit is clocked into the DI pin, the self-timed auto-erase and programming cycle begins. The DO pin indicates the READY/BUSY status of the device, if CS is brought high after a minimum of 250 ns low (TCSL) and before the entire write cycle is complete. DO at logical "0" indicates that programming is still in progress. DO at logical "1" indicates that the register at the specified address has been written with the data specified and the device is ready for another instruction. The Write All (WRAL) instruction will write the entire memory array with the data specified in the command. The WRAL cycle is completely self-timed and commences at the rising clock edge of the last data bit. Clocking of the CLK pin is not necessary after the device has entered the WRAL cycle. The WRAL command does include an automatic ERAL cycle for the device. Therefore, the WRAL instruction does not require an ERAL instruction, but the chip must be in the EWEN status. The DO pin indicates the READY/BUSY status of the device if CS is brought high after a minimum of 250 ns low (TCSL).
FIGURE 3-7:
CS
WRITE TIMING
TCSL
CLK
DI
1
0
1
An
***
A0
Dx
***
D0 TSV TCZ READY
DO
HIGH-Z
BUSY
HIGH-Z
Twc
FIGURE 3-8:
CS
WRAL TIMING
TCSL
CLK
DI
1
0
0
0
1
X
***
X
Dx
***
D0 TSV TCZ
DO
HIGH-Z
BUSY
READY HIGH-Z
TWL
(c) 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 7
93C46B
NOTES:
DS21172D-page 8
Preliminary
(c) 1997 Microchip Technology Inc.
93C46B
NOTES:
(c) 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 9
93C46B
NOTES:
DS21172D-page 10
Preliminary
(c) 1997 Microchip Technology Inc.
93C46B
93C46B PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. 93C46B -- /P Package: P SN SM ST = = = = Plastic DIP (300 mil Body), 8-lead Plastic SOIC (150 mil Body), 8-lead Plastic SOIC (208 mil Body), 8-lead TSSOP, 8-lead
Temperature Range: Device:
Blank = 0C to +70C I = -40C to +85C E = -40C to +125C 93C46B = 1K Microwire Serial EEPROM 93C46BT = 1K Microwire Serial EEPROM Tape and Reel 93C46BX = 1K Microwire Serial EEPROM in alternate pinout (SN only) 93C46BXT = 1K Microwire Serial EEPROM in alternate pinout, Tape and Reel (SN only)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office. 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277. 3. The Microchip's Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
(c) 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 11
WORLDWIDE SALES & SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 602-786-7200 Fax: 602-786-7277 Technical Support: 602 786-7627 Web: http://www.microchip.com
ASIA/PACIFIC
Hong Kong
Microchip Asia Pacific RM 3801B, Tower Two Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
EUROPE
United Kingdom
Arizona Microchip Technology Ltd. Unit 6, The Courtyard Meadow Bank, Furlong Road Bourne End, Buckinghamshire SL8 5AJ Tel: 44-1628-851077 Fax: 44-1628-850259
France
Arizona Microchip Technology SARL Zone Industrielle de la Bonde 2 Rue du Buisson aux Fraises 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
India
Microchip Technology India No. 6, Legacy, Convent Road Bangalore 560 025, India Tel: 91-80-229-0061 Fax: 91-80-229-0062
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Muchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleone Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-39-6899939 Fax: 39-39-6899883
Shanghai
Microchip Technology RM 406 Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hongiao District Shanghai, PRC 200335 Tel: 86-21-6275-5700 Fax: 86 21-6275-5060
Dallas
Microchip Technology Inc. 14651 Dallas Parkway, Suite 816 Dallas, TX 75240-8809 Tel: 972-991-7177 Fax: 972-991-8588
Singapore
Microchip Technology Taiwan Singapore Branch 200 Middle Road #10-03 Prime Centre Singapore 188980 Tel: 65-334-8870 Fax: 65-334-8850
JAPAN
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shin Yokohama Kohoku-Ku, Yokohama Kanagawa 222 Japan Tel: 81-4-5471- 6166 Fax: 81-4-5471-6122 5/8/97
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 714-263-1888 Fax: 714-263-1338
Taiwan, R.O.C
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886 2-717-7175 Fax: 886-2-545-0139
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 416 Hauppauge, NY 11788 Tel: 516-273-5305 Fax: 516-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
All rights reserved. (c) 1997, Microchip Technology Incorporated, USA. 6/97 Printed on recycled paper.
M
Preliminary
Information contained in this publication regarding device applications and the like is intended for suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21172D-page 12
(c) 1997 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 93C46B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X